PART |
Description |
Maker |
IRFR3707ZTRL |
Leaded 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package
|
International Rectifier
|
IRLR7821TRL |
Leaded 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package
|
International Rectifier
|
PB-IRF3707ZCS IRF3707ZCSTRR |
Leaded 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
PST593DM PST592C PST592CM PST591JM PST591H PST591H |
30V FETKY - MOSFET and Schottky Diode in a SO-8 package; Similar to IRF7901D1 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a TSSOP-8 package; A IRF7752 with Standard Packaging 20V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7301 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7303 with Lead Free Packaging 200V Dual N-Channel Digital Audio HEXFET Power MOSFET in a TO-220 Full-Pak(Iso) package.; A IRFI4020H-117P with Standard Packaging 电压检测器 Voltage Detector 电压检测器 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9956 with Standard Packaging 电压检测器 30V Dual N- and P- Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF9952 with Lead Free Packaging 电压检测器
|
NXP Semiconductors N.V. Intersil, Corp.
|
IRF3707Z IRF3707ZS IRF3707ZL |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package High Frequency Synchronous Buck Converters for Computer Processor Power
|
International Rectifier
|
PST9346U PST9319U PST9342U PST9339U PST9338U PST93 |
-40V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7241 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR9024NCPBF with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF9Z24NS with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a Micro 3 package; A IRLML6402 with Tape and Reel Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF5305 with Standard Packaging Voltage Detector 电压检测器 -12V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7220 with Standard Packaging 电压检测器 -30V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7406 with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU9120N with Standard Packaging
|
Maxim Integrated Products, Inc.
|
IRL7833 IRL7833S IRL7833L L7833S |
HEXFETPower MOSFET HEXFETPower MOSFET (IRL7833x) HEXFETPower MOSFET 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRL3803S IRL3803SPBF IRL3803STRL IRL3803STRR IRL38 |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|
IRFU3709Z IRFR3709Z IRFR3709ZPBF IRFU3709ZPBF |
30V Single N-Channel HEXFET Power MOSFET in a I-Pak package HEXFET Power MOSFET HEXFET功率MOSFET 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRLI3803 2315 |
30V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET From old datasheet system
|
IRF[International Rectifier]
|
IRFP3703 |
30V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A?
|
International Rectifier
|
IRFR3709ZPBF IRFU3709ZPBF IRFR3709ZTRR IRFR3709ZTR |
30 A, 30 V, 0.0065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 6.5mヘ , Qg = 17nC ) HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 6.5mΩ , Qg = 17nC ) High Frequency Synchronous Buck Converters for Computer Processor Power
|
International Rectifier
|